Part Number Hot Search : 
03CHS1 03CHS1 LT102801 MQC02053 2VQ100 82LS135 2VQ100 SK313
Product Description
Full Text Search
 

To Download AON6566 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  AON6566 30v n-channel alphamos general description product summary v ds i d (at v gs =10v) 32a r ds(on) (at v gs =10v) < 5m w r ds(on) (at v gs = 4.5v) < 8.5m w application 100% uis tested 100% r g tested symbol v ds v maximum units parameter absolute maximum ratings t a =25c unless otherwise noted 30v ? latest trench power alphamos ( mos lv) technology ? very low rds(on) at 4.5v gs ? low gate charge ? high current capability ? rohs and halogen-free compliant ? dc/dc converters in computing, servers, and pol ? isolated dc/dc converters in telecom and industri al drain-source voltage 30 g ds top view 12 3 4 87 6 5 pin1 dfn5x6 top view bottom view v ds v gs i dm i as e as v ds spike v spike t j , t stg symbol t 10s steady-state steady-state r q jc 25 100ns 36 v a 36 avalanche energy l=0.05mh c maximum junction-to-case c/w c/w maximum junction-to-ambient a d 3.5 53 5 44 w 25 t c =25c 10 t c =100c p dsm w t a =70c 3.8 t a =25c 6 typ max v t c =25c t c =100c 128 pulsed drain current c continuous drain current g power dissipation b p d power dissipation a mj avalanche current c 23 continuous drain current 32 29 a t a =25c i dsm a t a =70c i d 32 21 v 20 gate-source voltage drain-source voltage 30 maximum junction-to-ambient a c/w r q ja 17 units junction and storage temperature range -55 to 150 c thermal characteristics parameter g ds top view 12 3 4 87 6 5 pin1 dfn5x6 top view bottom view rev0: dec, 2012 www.aosmd.com page 1 of 6
AON6566 symbol min typ max units bv dss 30 v v ds =30v, v gs =0v 1 t j =55c 5 i gss 100 na v gs(th) gate threshold voltage 1.6 2 2.4 v 4 5 t j =125c 5.4 7 6.7 8.5 m w g fs 83 s v sd 0.7 1 v i s 30 a c iss 1300 1550 pf c oss 530 700 pf c rss 75 130 pf r g 0.7 1.5 2.3 w q g (10v) 18.3 33 nc q g (4.5v) 8.5 17 nc q gs 4.8 nc q gd 2.5 nc t d(on) 7.5 ns t r 4.8 ns t 23.3 ns reverse transfer capacitance v gs =0v, v ds =15v, f=1mhz maximum body-diode continuous current input capacitance output capacitance forward transconductance v ds =5v, i d =20a dynamic parameters v gs =4.5v, i d =20a r ds(on) static drain-source on-resistance diode forward voltage switching parameters turn-on delaytime gate drain charge total gate charge v gs =10v, v ds =15v, i d =20a turn-on rise time turn-off delaytime v gs =10v, v ds =15v, r l =0.75 w , r =3 w electrical characteristics (t j =25c unless otherwise noted) static parameters parameter conditions i s =1a,v gs =0v i dss m a zero gate voltage drain current drain-source breakdown voltage m w i d =250 m a, v gs =0v v gs =10v, i d =20a gate-body leakage current v ds =v gs, i d =250 m a v ds =0v, v gs = 20v gate resistance v gs =0v, v ds =0v, f=1mhz total gate charge gate source charge t d(off) 23.3 ns t f 4.5 ns t rr 14 ns q rr 25 nc this product has been designed and qualified for th e consumer market. applications or uses as critical components in life support devices or systems are n ot authorized. aos does not assume any liability ar ising out of such applications or uses of its products. aos reserves the right to improve product design, functions and reliability without notice. body diode reverse recovery charge body diode reverse recovery time i f =20a, di/dt=500a/ m s i f =20a, di/dt=500a/ m s turn-off delaytime r gen =3 w turn-off fall time a. the value of r q ja is measured with the device mounted on 1in 2 fr-4 board with 2oz. copper, in a still air environ ment with t a =25 c. the power dissipation p dsm is based on r q ja t 10s and the maximum allowed junction temperature o f 150 c. the value in any given application depends on the user's specific board design. b. the power dissipation p d is based on t j(max) =150 c, using junction-to-case thermal resistance, and i s more useful in setting the upper dissipation limit for cases where additional heatsi nking is used. c. single pulse width limited by junction temperat ure t j(max) =150 c. d. the r q ja is the sum of the thermal impedance from junction t o case r q jc and case to ambient. e. the static characteristics in figures 1 to 6 are obtained using <300 m s pulses, duty cycle 0.5% max. f. these curves are based on the junction-to-case t hermal impedance which is measured with the device mounted to a large heatsink, assuming a maximum junction temperature of t j(max) =150 c. the soa curve provides a single pulse rating. g. the maximum current rating is package limited. h. these tests are performed with the device mounte d on 1 in 2 fr-4 board with 2oz. copper, in a still air environ ment with t a =25 c. rev0: dec, 2012 www.aosmd.com page 2 of 6
AON6566 typical electrical and thermal characteristics 17 52 10 0 18 0 20 40 60 80 100 0 1 2 3 4 5 6 i d (a) v gs (volts) figure 2: transfer characteristics (note e) 0 2 4 6 8 10 0 5 10 15 20 25 30 r ds(on) (m w ww w ) i d (a) figure 3: on-resistance vs. drain current and gate voltage (note e) 0.8 1 1.2 1.4 1.6 0 25 50 75 100 125 150 175 normalized on-resistance temperature (c) figure 4: on-resistance vs. junction temperature (note e) v gs =4.5v i d =20a v gs =10v i d =20a 25 c 125 c v ds =5v v gs =4.5v v gs =10v 0 20 40 60 80 100 0 1 2 3 4 5 i d (a) v ds (volts) fig 1: on-region characteristics (note e) v gs =3v 3.5v 6v 8v 10v 4v 4.5v 40 0 20 40 60 80 100 0 1 2 3 4 5 6 i d (a) v gs (volts) figure 2: transfer characteristics (note e) 0 2 4 6 8 10 0 5 10 15 20 25 30 r ds(on) (m w ww w ) i d (a) figure 3: on-resistance vs. drain current and gate voltage (note e) 1.0e-05 1.0e-04 1.0e-03 1.0e-02 1.0e-01 1.0e+00 1.0e+01 1.0e+02 0.0 0.2 0.4 0.6 0.8 1.0 1.2 i s (a) v sd (volts) figure 6: body-diode characteristics (note e) 25 c 125 c 0.8 1 1.2 1.4 1.6 0 25 50 75 100 125 150 175 normalized on-resistance temperature (c) figure 4: on-resistance vs. junction temperature (note e) v gs =4.5v i d =20a v gs =10v i d =20a 0 3 6 9 12 2 4 6 8 10 r ds(on) (m w ww w ) v gs (volts) figure 5: on-resistance vs. gate-source voltage (note e) 25 c 125 c v ds =5v v gs =4.5v v gs =10v i d =20a 25 c 125 c 0 20 40 60 80 100 0 1 2 3 4 5 i d (a) v ds (volts) fig 1: on-region characteristics (note e) v gs =3v 3.5v 6v 8v 10v 4v 4.5v rev0: dec, 2012 www.aosmd.com page 3 of 6
AON6566 typical electrical and thermal characteristics 0 2 4 6 8 10 0 5 10 15 20 v gs (volts) q g (nc) figure 7: gate-charge characteristics 0 200 400 600 800 1000 1200 1400 1600 1800 0 5 10 15 20 25 30 capacitance (pf) v ds (volts) figure 8: capacitance characteristics c iss 0 40 80 120 160 200 0.0001 0.001 0.01 0.1 1 10 power (w) pulse width (s) figure 10: single pulse power rating junction-to-ca se (note f) c oss c rss v ds =15v i d =20a t j(max) =150 c t c =25 c 10 m s 0.0 0.1 1.0 10.0 100.0 1000.0 0.01 0.1 1 10 100 i d (amps) v ds (volts) figure 9: maximum forward biased safe operating area (note f) 10 m s 10ms 1ms dc r ds(on) limited t j(max) =150 c t c =25 c 100 m s 0 2 4 6 8 10 0 5 10 15 20 v gs (volts) q g (nc) figure 7: gate-charge characteristics 0 200 400 600 800 1000 1200 1400 1600 1800 0 5 10 15 20 25 30 capacitance (pf) v ds (volts) figure 8: capacitance characteristics c iss 0 40 80 120 160 200 0.0001 0.001 0.01 0.1 1 10 power (w) pulse width (s) figure 10: single pulse power rating junction-to-ca se (note f) 0.01 0.1 1 10 1e-05 0.0001 0.001 0.01 0.1 1 10 100 z q qq q jc normalized transient thermal resistance pulse width (s) figure 11: normalized maximum transient thermal imp edance (note f) c oss c rss v ds =15v i d =20a single pulse d=t on /t t j,pk =t c +p dm .z q jc .r q jc t on t p d in descending order d=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse t j(max) =150 c t c =25 c 10 m s 0.0 0.1 1.0 10.0 100.0 1000.0 0.01 0.1 1 10 100 i d (amps) v ds (volts) figure 9: maximum forward biased safe operating area (note f) 10 m s 10ms 1ms dc r ds(on) limited t j(max) =150 c t c =25 c 100 m s r q jc =5 c/w rev0: dec, 2012 www.aosmd.com page 4 of 6
AON6566 typical electrical and thermal characteristics 0 10 20 30 0 25 50 75 100 125 150 power dissipation (w) t case ( c) figure 12: power de-rating (note f) 0 10 20 30 40 0 25 50 75 100 125 150 current rating i d (a) t case ( c) figure 13: current de-rating (note f) 1 10 100 1000 10000 1e-05 0.001 0.1 10 1000 power (w) pulse width (s) figure 14: single pulse power rating junction-to-am bient (note h) t a =25 c 40 0.001 0.01 0.1 1 10 1e-05 0.0001 0.001 0.01 0.1 1 10 100 1000 z q qq q ja normalized transient thermal resistance pulse width (s) figure 15: normalized maximum transient thermal imp edance (note h) single pulse d=t on /t t j,pk =t a +p dm .z q ja .r q ja t on t p d in descending order d=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse 0 10 20 30 0 25 50 75 100 125 150 power dissipation (w) t case ( c) figure 12: power de-rating (note f) 0 10 20 30 40 0 25 50 75 100 125 150 current rating i d (a) t case ( c) figure 13: current de-rating (note f) 1 10 100 1000 10000 1e-05 0.001 0.1 10 1000 power (w) pulse width (s) figure 14: single pulse power rating junction-to-am bient (note h) t a =25 c r q ja =53 c/w rev0: dec, 2012 www.aosmd.com page 5 of 6
AON6566 - + vdc ig vds dut - + vdc vgs vgs 10v qg qgs qgd charge gate charge test circuit & waveform - + vdc dut vdd vgs vds vgs rl rg vgs vds 10% 90% resistive switching test circuit & waveforms t t r d(on) t on t d(off) t f t off l unclamped inductive switching (uis) test circuit & waveforms 2 e = 1/2 li - + vdc ig vds dut - + vdc vgs vgs 10v qg qgs qgd charge gate charge test circuit & waveform - + vdc dut vdd vgs vds vgs rl rg vgs vds 10% 90% resistive switching test circuit & waveforms t t r d(on) t on t d(off) t f t off vdd vgs id vgs rg dut - + vdc l vgs vds id vgs bv i unclamped inductive switching (uis) test circuit & waveforms ig vgs - + vdc dut l vds vgs vds isd isd diode recovery test circuit & waveforms vds - vds + i f ar dss 2 e = 1/2 li di/dt i rm rr vdd vdd q = - idt ar ar t rr rev0: dec, 2012 www.aosmd.com page 6 of 6


▲Up To Search▲   

 
Price & Availability of AON6566

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X